Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC493 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC493
Description  EcoSpeedTM Step-down Controller with I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC493 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC493 Datasheet HTML 17Page - Semtech Corporation SC493 Datasheet HTML 18Page - Semtech Corporation SC493 Datasheet HTML 19Page - Semtech Corporation SC493 Datasheet HTML 20Page - Semtech Corporation SC493 Datasheet HTML 21Page - Semtech Corporation SC493 Datasheet HTML 22Page - Semtech Corporation SC493 Datasheet HTML 23Page - Semtech Corporation SC493 Datasheet HTML 24Page - Semtech Corporation SC493 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SC493
21
Register Map
Address
D7
D6
D5
D4
D3
D2
D1
D0
Access Reset
Description
00h
PGD
DCM
DNS
BO
ILIM
OT
OVO
UVO
RO
40h
Status Register
01h
0(1)
0(1)
0(1)
0(1)
0(1)
EnIntLd
CLF
ENSW
R/W
01h
Control Register 1
02h
0(1)
0(1)
UPSV0
POD2
POD1
POD0
Freq1
Freq0
R/W
20h
Control Register 2
03h
0(1)
0(1)
UPSV1
SST2
SST1
SST0
PSV1
PSV0
R/W
2Eh
Control Register 3
04h
0(1)
0(1)
0(1)
VFBadj4
VFBadj3
VFBadj2
VFBadj1
VFBadj0
R/W
0Fh
Control Register 4
06h
0(1)
0(1)
1(2)
1 (2)
1 (2)
Margin2
Margin1
Margin0
R/W
3Bh
Control Register 6
Definition of Registers and Bits
Status and Flag Bits Description — Register 0
A status bit reflects the current state of the converter. It becomes high when the specified condition has occurred and
turns low when the specified condition has disappeared. A flag bit becomes high when the specified condition has
occurred and will not turn low when the specified condition has disappeared.
Name
Bit
Definition
Description
UVO
00h[0]
Under Voltage Output Flag
Flag bit when high indicates that the output voltage fell below 70% of the regulation level
while being current limited.
OVO
00h[1]
Over Voltage Output Flag
Flag bit when high indicates output voltage has been above the regulation level by 20%.
OT
00h[2]
Over Temperature Flag
Flag bit when high indicates that the over temperature circuit has tripped.
ILIM
00h[3]
Output Current Limit Flag
Flag bit when high indicates that the inductor current threshold has been reached.
BO
00h[4]
Brown Out Flag
Flag bit when high indicates that the FB voltage has fallen below PGD falling threshold (80%)
with the device not in current limit. This normally means the output under voltage has been
caused by low input voltage.
DNS
00h[5]
Did Not Start Flag
Flag bit when high indicates that the FB voltage did not reach the power good rising thresh-
old (90%) within the predetermined time. This time interval is the programmed soft start time.
The power good delay is 10% of the programmed soft start time.
DCM
00h[6]
Discontinuous Mode
Status
Status bit when high indicates that the part is operating in discontinuous mode. The part is
only permitted to operate in DCM if PSAVE or UPSAVE is enabled. The part also enters into
DCM mode before the soft start process is complete. Therefore, in the shut down state and
during the soft start process, this bit is also set.
PGD
00h[7]
Power Good Status
Status bit when high indicates that the PGD pin is not being pulled low and therefore the
output is within regulation by +20%.
Notes:
(1) Always write 0
(2) Always write 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com