Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC615A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC615A
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615A Datasheet(HTML) 2 Page - Semtech Corporation

  SC615A Datasheet HTML 1Page - Semtech Corporation SC615A Datasheet HTML 2Page - Semtech Corporation SC615A Datasheet HTML 3Page - Semtech Corporation SC615A Datasheet HTML 4Page - Semtech Corporation SC615A Datasheet HTML 5Page - Semtech Corporation SC615A Datasheet HTML 6Page - Semtech Corporation SC615A Datasheet HTML 7Page - Semtech Corporation SC615A Datasheet HTML 8Page - Semtech Corporation SC615A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
© 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615A
Notes:
1) Calculated from package in still air, mounted to 3”x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to 6.5
V
Output Voltage
V
OUT
-0.3 to 6.5
V
Pin Voltage - FLASH, CTRL, ISET, C1-, C2-
-0.3 to V
IN + 0.3
V
Pin Voltage - C1+, C2+
-0.3 to V
OUT + 0.3
V
V
OUT Short Circuit Duration
SC
Indefinite
Thermal Resistance, Junction to Ambient
(JESD51 Standard Method)(1)
θ
JA
49
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
JC
-40 to +150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
IR Reflow Temperature
T
PKG
260
°C
ESD Protection Level(2)
V
ESD
2kV
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise specified: T
A = 25°C for TYP, -40°C to +60°C for MIN and MAX;
C
BUCKET = COUT = 1.0μF (ESR < 0.1Ω); CIN = 10.0μF; VIN = 3.0V to 5.25V; VOUT = 2.8V to 4.25V; RISET = 0.5Ω (0.1%).
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Current
I
OUT
FLASH high, R
ISET = 0.357W
3.7V < V
IN < 4.2V, VOUT = 3.7V
(1)
700
mA
FLASH high, R
ISET = 0.5W
3.3V < V
IN < 4.2V
2.8V < V
OUT < 4.25V
460
500
540
mA
FLASH low, CTRL high, R
ISET = 0.357W
3.7V < V
IN < 4.2V, VOUT = 3.4V
(1)
280
FLASH low, CTRL high, R
ISET = 0.5W
2.8V < V
OUT < 4.5V
3.0V < V
IN < 4.5V
170
200
230
ISET Reference Voltage
V
ISET
FLASH high, R
ISET = 0.5W
3.3V < V
IN < 4.2V
2.8V < V
OUT < 4.25V
230
250
270
mV
ISET Reference Voltage
V
ISET
FLASH low, CTRL high, R
ISET = 0.5Ω
2.8V < V
OUT < 4.5V, 3.0V < VIN < 4.5V
85
100
115
mV
Exceeding the specifications below may result in permanent damage to the device or device malfunction.
Operation outside of the parameters specified in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com