Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC615AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC615AEVB
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC615AEVB Datasheet HTML 4Page - Semtech Corporation SC615AEVB Datasheet HTML 5Page - Semtech Corporation SC615AEVB Datasheet HTML 6Page - Semtech Corporation SC615AEVB Datasheet HTML 7Page - Semtech Corporation SC615AEVB Datasheet HTML 8Page - Semtech Corporation SC615AEVB Datasheet HTML 9Page - Semtech Corporation SC615AEVB Datasheet HTML 10Page - Semtech Corporation SC615AEVB Datasheet HTML 11Page - Semtech Corporation SC615AEVB Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
© 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615A
Layout Guidelines
The following layout is suggested for a two-layer design.
The capacitors C1 and C2 are the bucket capacitors and
each conducts the full load current of up to 500mA pulsed
for one half clock cycle. C3 is the output decoupling ca-
pacitor placed near the SC615A VOUT pin. C4 is the input
decoupling capacitor placed near the SC615A VIN pin.
Multiple vias should be used whenever it is necessary to
change layers on nets connecting to pins VIN, VOUT, GND,
C1-, C1+, C2- and C2+. Resistor R1 is routed with a very
low resistance connection between R1 and GND pin 3.
The sense trace between Pin 6 and R1 is routed around
the ground vias, allowing the shortest ground return path
Bottom Copper
Top Copper
possible. The sense trace is connected to R1 at the positive
terminal pad for the most accurate output possible.
The bottom copper layer is mostly a ground plane with no
obstructions between the ground vias. The smaller rect-
angle to the left connects the input power to VIN pin 1 and
input capacitor C4. The two traces at the lower left are for
logic inputs FLASH and CTRL. The trace to the right is the
ISET pin “sense” trace. The sense trace is routed out of
the path of the returning ground current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com