Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver,General Purpose Current Sink With Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC620 Datasheet HTML 6Page - Semtech Corporation SC620 Datasheet HTML 7Page - Semtech Corporation SC620 Datasheet HTML 8Page - Semtech Corporation SC620 Datasheet HTML 9Page - Semtech Corporation SC620 Datasheet HTML 10Page - Semtech Corporation SC620 Datasheet HTML 11Page - Semtech Corporation SC620 Datasheet HTML 12Page - Semtech Corporation SC620 Datasheet HTML 13Page - Semtech Corporation SC620 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC620
10
General Description
The SC620 includes eight independently controlled
current sinks designed to control LED backlighting for
mobile phones and other battery-operated handheld
devices. As LED forward voltages decrease for white, blue,
and other colored LEDs, there is less need for voltage
boosting devices for powering backlight and indicator
LEDs. In these types of systems where there is a fixed
supply voltage large enough to supply the LEDs or where
the LEDs can be powered over the entire battery range,
the SC620 provides a simple low-cost driver alternative to
charge pump or inductor-based switching boost
converters.
Current Sink Design
Each current sink is designed for a pin voltage range
between 150mV and V
IN
- 1.5V. This feature allows the
system to operate backlight LEDs with constant current
without interference caused by blinking indicator LEDs or
driving LEDs with various forward voltages and currents.
Protection Circuitry
The SC620 contains protection circuitry that prevents
damage from operating in an unspecified state. These
features include:
Under-voltage Lockout Protection
Over-temperature Protection
Short-circuit Protection
Under-Voltage Lockout
An Under-Voltage Lockout Protection (UVLO) circuit dis-
ables the device in the event that the input voltage falls
below the threshold. UVLO typically occurs at 2V.
Hysteresis is provided to prevent chatter.
Short-Circuit Protection
The output sink pins ILED1 through ILED8 are protected
against shorting to V
IN
, prevent device damage in the
event of a shorted LED. The source lead of each sink is con-
nected to ground, so the output sink pins do not require
protection against being externally shorted to ground, as
this would result in zero potential across the sink device.
Over-Temperature Protection
The Over-temperature Protection circuit helps prevent the
device from overheating and experiencing a catastrophic
•
•
•
failure. When the junction temperature exceeds 155°C,
the device is disabled and remains disabled until the
junction temperature is reduced.
Layout Considerations
The MLPQ-UT-16 package has a thermal die attach pad
located at the center. This pad must be connected to the
ground plane through multiple vias as shown (illustration
not to scale).
SCL
VIN
CIN
SC620
GND
GND
SDA
GND
GND
GND
EN
Ground plane
For low noise, four ground pins are located at the corner
pins 1, 4, 9 and 12. Connect each of the ground pins
directly to the ground plane as shown.
The layout is simple and requires very few components in
addition to the LEDs that it will drive. A 1μF decoupling
capacitor at the IN pin is required. Place this capacitor
near pin 2, and ground it close to the SC620 as shown.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com