Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC622A
Description  LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC622A Datasheet HTML 9Page - Semtech Corporation SC622A Datasheet HTML 10Page - Semtech Corporation SC622A Datasheet HTML 11Page - Semtech Corporation SC622A Datasheet HTML 12Page - Semtech Corporation SC622A Datasheet HTML 13Page - Semtech Corporation SC622A Datasheet HTML 14Page - Semtech Corporation SC622A Datasheet HTML 15Page - Semtech Corporation SC622A Datasheet HTML 16Page - Semtech Corporation SC622A Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SC622A
13
Block Diagram
Oscillator
Current
Setting
DAC
I2C
Compatible
Interface
and Logic
Control
mAhXLifeTM Fractional
Charge Pump
(1x, 1.5x, 2x)
Voltage
Setting
DAC
LDO1
LDO2
VIN
VIN
4
5
6
7
3
15
14
8
9
2
11
10
18
12
20
17
1
C1+
C1-
C2+
C2-
VOUT
16
NC
NC
NC
NC
FL
VIN
VIN
EN
FLEN
PGND
LDO2
LDO1
VOUT
AGND
Bandgap
Reference
13
BYP
SCL
19
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com