Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXC18CE201U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXC18CE201U
Description  Common mode Noise Filter Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC18CE201U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXC18CE201U Datasheet HTML 1Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 2Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 3Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 4Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Common mode Noise Filter Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
10
100
1000
110
100
1000
10000
1
10
100
1000
110
100
1000
10000
1
10
100
1000
110100
1000
10000
Frequency (MHz)
Frequency (MHz)
Common Mode
Differential Mode
Common Mode
Differential Mode
Common Mode
Differential Mode
Frequency (MHz)
(B) Differential Mode
(A) Common Mode
Z
Z
● EXC18CE650U
● EXC18CE201U
● EXC18CE900U
■ Impedance Characteristics (Typical)
■ Ratings
Part Number
Impedance ( ) at 100 MHz
Rated Voltage
(V DC)
Rated Current
(mA DC)
DC Resistance
( ) max.
Common Mode
Differential Mode
EXC18CE650U
65
±20 %
18
max.
5
140
1.8
EXC18CE900U
90
±20 %
20
max.
5
130
2.0
EXC18CE201U
200
±20 %
22
max.
5
100
3.5
● Measurement Circuit
■ Packaging Methods(Taping) and Recommended Land Pattern Design
Refer 126 page.
■ Recommended Soldering Conditions and Safety Precations
Refer 127 page.
Jun. 2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com