Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2347PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2347PCBA
Description  3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2347PCBA Datasheet(HTML) 7 Page - RF Micro Devices

  RF2347PCBA Datasheet HTML 1Page - RF Micro Devices RF2347PCBA Datasheet HTML 2Page - RF Micro Devices RF2347PCBA Datasheet HTML 3Page - RF Micro Devices RF2347PCBA Datasheet HTML 4Page - RF Micro Devices RF2347PCBA Datasheet HTML 5Page - RF Micro Devices RF2347PCBA Datasheet HTML 6Page - RF Micro Devices RF2347PCBA Datasheet HTML 7Page - RF Micro Devices RF2347PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-169
RF2347
Rev A5 991207
4
RF2347 Bias Current versus Rc
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Rs (
Ω)
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.3 V
Vcc = 3.6 V
RF2347 Gain versus Bias Current
19.8
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
21.6
21.8
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
Bias Current (mA)
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.3 V
Vcc = 3.6 V
RF2347 Noise Figure versus Bias Current
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
Bias Current (mA)
Vcc = 2.7 V
Vcc = 3.0 V
Vcc = 3.3 V
Vcc = 3.6 V
RF2347 OIP3 versus Bias Current
15
17
19
21
23
25
27
29
31
33
0
5
10
15
20
25
30
35
Bias Current (mA)
2.7V OIP3
3.0V OIP3
3.3V OIP3
3.6V OIP3
RF2347 IIP3 versus Bias Current
-2
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
Bias Current (mA)
Vcc=2.7V
Vcc=3.0 V
Vcc=3.3 V
Vcc=3.6 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com