Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2365PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2365PCBA
Description  3V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2365PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF2365PCBA Datasheet HTML 1Page - RF Micro Devices RF2365PCBA Datasheet HTML 2Page - RF Micro Devices RF2365PCBA Datasheet HTML 3Page - RF Micro Devices RF2365PCBA Datasheet HTML 4Page - RF Micro Devices RF2365PCBA Datasheet HTML 5Page - RF Micro Devices RF2365PCBA Datasheet HTML 6Page - RF Micro Devices RF2365PCBA Datasheet HTML 7Page - RF Micro Devices RF2365PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-216
RF2365
Rev A4 001201
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
1500
2500
MHz
PCS Performance
Schematic per 1.9GHz LNA Application
Schematic, VPD = 3.0 VCC = 3.0V,
T = 25°C
Gain
16
18
20
dB
VCC=3.0V, ICC=8.0mA
Noise Figure
1.6
dB
Off Mode Gain
-15
dB
VCC=3.0V, VPD=0
|S12|25
dB
Input IP3
-3.5
dBm
VCC=3.0V, ICC=5.0mA, R1=150Ω (see
application schematic)
+2.0
dBm
VCC=3.0V, ICC=6.5mA, R1=75Ω (see appli-
cation schematic)
+4.0
dBm
VCC=3.0V, ICC=8.0mA, R1=0Ω (see appli-
cation schematic)
Output IP3
20.0
22.0
28.0
dBm
VCC=3.0V, ICC=8.0mA, R1=0Ω (see appli-
cation schematic)
Input VSWR
1.7
Output VSWR
1.4
2.4GHz Performance
Schematic per 2.4GHz LNA Application
Schematic
T = 25°C
Gain
15.5
dB
VCC=3.0V, ICC=8.0mA
Noise Figure
1.75
dB
Input IP3
+2.0
dBm
VCC=3.0V, ICC=8.0mA
Input VSWR
1.3
Output VSWR
1.75
Power Supply
T = 25 °C
Voltage (VCC)3
V
Current Consumption
5.0
8.0
11.0
mA
VCC=3.0V, IIP3=+4.0dBm
6.5
mA
VCC=3.0V, IIP3=+2.0dBm
5.0
mA
VCC=3.0V, IIP3=-3.5dBm
Power Down
0
1
µAV
CC = 3.0 V; VPD ≤ 0.9 V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com