Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5445EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD5445EBZ
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5445EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD5445EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5445EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 13 of 32
VOLTAGE (V)
5.5
2.5
3.0
3.5
4.0
4.5
5.0
1.8
1.4
1.6
1.0
1.2
0.4
0.6
0.8
0.2
0
TA = 25°C
VIL
VIH
Figure 33. Threshold Voltages vs. Supply Voltage
–120
–100
–80
–60
–40
–20
0
20
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
TA = 25°C
VDD = 3V
AMP = AD8038
FULL SCALE
ZERO SCALE
Figure 34. Power Supply Rejection vs. Frequency
–90
–85
–80
–75
–70
–65
–60
100
1k
1
10
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VDD = 3V
VREF = 3.5V p-p
Figure 35. THD and Noise vs. Frequency
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
200
fOUT (kHz)
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5445
MCLK = 1MHz
MCLK = 200kHz
MCLK = 0.5MHz
Figure 36. Wideband SFDR vs. fOUT Frequency
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
1000
fOUT (kHz)
MCLK = 5MHz
MCLK = 10MHz
MCLK = 25MHz
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5445
Figure 37. Wideband SFDR vs. fOUT Frequency
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
46
02
8
10
12
FREQUENCY (MHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
Figure 38. Wideband SFDR, fOUT = 100 kHz, Clock = 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com