Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2368PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2368PCBA
Description  DCS/PCS 2.7V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2368PCBA Datasheet(HTML) 8 Page - RF Micro Devices

  RF2368PCBA Datasheet HTML 1Page - RF Micro Devices RF2368PCBA Datasheet HTML 2Page - RF Micro Devices RF2368PCBA Datasheet HTML 3Page - RF Micro Devices RF2368PCBA Datasheet HTML 4Page - RF Micro Devices RF2368PCBA Datasheet HTML 5Page - RF Micro Devices RF2368PCBA Datasheet HTML 6Page - RF Micro Devices RF2368PCBA Datasheet HTML 7Page - RF Micro Devices RF2368PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary
4-206
RF2368
Rev A0 010503
4
S-Parameter Conditions:
All plots shown were taken at VCC =2.78V and Ambient Temperature=25°C.
Note:
All S11 and S22 plots shown were taken from an RF2368 while on a 2368310 evaluation board. The data was captured without the exter-
nal input or output tuning components in place, and the reference points at the RF IN and RF OUT pins of the device.
10.0
5.0
3.
0
4.0
-0.2
-0
.4
High Gain Mode Output Impedance (S22)
Swp Max
4GHz
Swp Min
0.01GHz
100 MHz
1.0 GHz
2.0 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
High Gain Mode Input Impedance (S11)
Swp Max
4GHz
Swp Min
0.01GHz
3.0 GHz
1.0 GHz
1.5 GHz
2.0 GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
Bypass Mode Input Impedance (S11)
Swp Max
4GHz
Swp Min
0.01GHz
3.5 GHz
1.5 GHz
3.0 GHz
2.5 GHz
1.0 GHz
2.0 GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
Bypass Mode Output Impedance (S22)
Swp Max
4GHz
Swp Min
0.01GHz
3.0 GHz
3.7 GHz
1.0 GHz
2.0 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com