Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2000-M05-256-3-R1206-HE Datasheet(PDF) 7 Page - GSI Group, Inc.

Part # M2000-M05-256-3-R1206-HE
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M05-256-3-R1206-HE Datasheet(HTML) 7 Page - GSI Group, Inc.

Back Button M2000-M05-256-3-R1206-HE Datasheet HTML 2Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 3Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 4Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 5Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 6Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 7Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 8Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 9Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 10Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Mercury 2000
encoder
120
Ω
Cable Zo=120
Ω
Customer
Electronics
Signal Termination for
A-Quad-B and Index
Output Signals
Mechanical Information - electronics module
A
B
I
Pins 4 & 5
Pins 9 & 10
Pins 14 & 15*
Quadrature TTL
Page 7 of 10
*Note: The index pulse may be aligned with A- or B- at some interpolation values.
.75 [19.1]
2.03 [51.5]
2.18 [55.4]
1.89 [48.0]
1.50 [38.1]
Ø.13 [Ø3.3]
2.11 [53.5]
.10 [2.4]
.85 [21.5]
.46 [11.6]
PIN 1
PIN 5
PIN 10
PIN 15
Male D connector
Maximum Quadrature Output Frequency
Output Frequency
A-quad-B Output Rate
Dwell Time (or edge separation)
7.2MHz
28.8M quadrature states / sec
0.035µsec
3.6MHz
14.4M quadrature states / sec
0.069µsec
1.8MHz
7.2M quadrature states / sec
0.139µsec
900kHz
3.6M quadrature states / sec
0.278µsec
450kHz
1.8M quadrature states / sec
0.555µsec
225kHz
900k quadrature states / sec
1.111µsec
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
PIN 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com