Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2000-M10-256-2-R1910-HA Datasheet(PDF) 8 Page - GSI Group, Inc.

Part # M2000-M10-256-2-R1910-HA
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M10-256-2-R1910-HA Datasheet(HTML) 8 Page - GSI Group, Inc.

Back Button M2000-M10-256-2-R1910-HA Datasheet HTML 2Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 3Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 4Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 5Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 6Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 7Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 8Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 9Page - GSI Group, Inc. M2000-M10-256-2-R1910-HA Datasheet HTML 10Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8 of 10
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Program Mercury Encoder Electronics
• Set interpolation in integer steps from x4 to x256 (Mercury 2000)
or x4 to x1024 (Mercury 3000)
• Set maximum output frequency to match your controller
Install Mercury Encoder System
• Align sensor using Signal Level display and Encoder Signal data plot
• Locate index and see when sensor is over the scale’s index mark
• Verify sensor output over length of scale using the Signal Strength plot
Monitor Mercury Encoder Operation
• Read encoder position in engineering units of your choice
• Read the encoder's hour meter to monitor system usage
• Capture alarms while system operates unattended
Diagnose Mercury Encoder Performance
• Capture signal data and email it to MicroE for rapid diagnostic support
• Monitor alarms, view the alarm history log
System Description
The SmartPrecision Software system includes Software on CD, a
computer interface adapter, computer cable, and a power adapter.
The encoder signal plot, or Lissajous plot, reveals the underlying strength
and uniformity of the sensor’s output.
How to Order SmartPrecision Software
To Purchase the SmartPrecision Software system, use this Model
Number: SSWA120 for 120 VAC, 60Hz US Standard 2-prong plug
or SSWA220 for 220 VAC, 50 Hz European Std. 2-prong plug
SmartPrecision Software
makes Mercury the
industry’s easiest to use
encoder. It helps you
program, set up, use, and
diagnose Mercury 2000
and 3000 encoders with
the click of a mouse.
Compatible with
Windows 95, 98, ME, NT,
2000, and XP.
SmartPrecision Software for
Mercury 2000 and 3000 Encoder Systems



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com