Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2381PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2381PCBA
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2381PCBA Datasheet HTML 1Page - RF Micro Devices RF2381PCBA Datasheet HTML 2Page - RF Micro Devices RF2381PCBA Datasheet HTML 3Page - RF Micro Devices RF2381PCBA Datasheet HTML 4Page - RF Micro Devices RF2381PCBA Datasheet HTML 5Page - RF Micro Devices RF2381PCBA Datasheet HTML 6Page - RF Micro Devices RF2381PCBA Datasheet HTML 7Page - RF Micro Devices RF2381PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-47
RF2381
Rev A1 010511
4
Evaluation Board Schematic
Note orientation of
package in this schematic.
C8
1pF
L2
2.7 nH
C3
33 nF
L3
2.7 nH
C4
33 nF
VCC
50
Ωµstrip
J2
RF OUT
C6
33 nF
C7
1
µF
50
Ωµstrip
J1
RF IN
VCC
GC
C1
100 pF
P1
1
2
3
4
5
GND
P1-3
P1-4
VCC
GND
P1-1
GC
4
5
6
3
2
1
ATT
ATT
C2
33 pF
C5
33 pF
2381401-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com