Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2413PCBA Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2413PCBA
Description  GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2413PCBA Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2413PCBA Datasheet HTML 2Page - RF Micro Devices RF2413PCBA Datasheet HTML 3Page - RF Micro Devices RF2413PCBA Datasheet HTML 4Page - RF Micro Devices RF2413PCBA Datasheet HTML 5Page - RF Micro Devices RF2413PCBA Datasheet HTML 6Page - RF Micro Devices RF2413PCBA Datasheet HTML 7Page - RF Micro Devices RF2413PCBA Datasheet HTML 8Page - RF Micro Devices RF2413PCBA Datasheet HTML 9Page - RF Micro Devices RF2413PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5-27
RF2413
Rev B3 990419
5
Pout vs. Gain Control Voltages
-70
-60
-50
-40
-30
-20
-10
0
10
1.5
2
2.5
3
3.5
4
4.5
5
Vgain (Volts)
Vg1=Vg2=V gain
Vg1=Vdd, Vg2=V gain
Vg2=Vdd, Vg1=V gain
BB: 100 kHz, 1.5 Vpp
LO1: 124 MHz, 0 dBm
LO2: 569 MHz, 0 dBm
Vdd: 5.0V, Vref=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com