Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1504P-R5725-HC Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M1504P-R5725-HC
Description  Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1504P-R5725-HC Datasheet(HTML) 4 Page - GSI Group, Inc.

  M1504P-R5725-HC Datasheet HTML 1Page - GSI Group, Inc. M1504P-R5725-HC Datasheet HTML 2Page - GSI Group, Inc. M1504P-R5725-HC Datasheet HTML 3Page - GSI Group, Inc. M1504P-R5725-HC Datasheet HTML 4Page - GSI Group, Inc. M1504P-R5725-HC Datasheet HTML 5Page - GSI Group, Inc. M1504P-R5725-HC Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
Mercury 1500P Outputs
10-pin interface
PIN
FUNCTION
1B -
2B +
3
Sin + *
4
Cos + *
5
+ 5 V DC
6
Index Window +
7
Index Window -
8A +
9A -
10
Ground
4.11
.162
5.59
.220
15.24
.600
1.75
.069
8.85
.348
2.44
.096
3.76
.148
7.49
.295
8.75
.344
THRU.
2X 0-80UNC-2B
12.70
.500
4X R
1.19
.047
4.65
.183
8.38
.330
3.21
.126
PIN SP ACING
1.28
.050
PI N 1
PI N 5
PI N 6
PI N 10
Mechanical Information - Sensor
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
System Specifications
System
Grating Period
20µm
System Resolution 5µm, 2.5µm, 1.00µm, or 0.50µm (linear)
Linear Accuracy*
Better than ±1µm** available; contact MicroE
Better than ±3µm** up to 130mm, ±5µm from 155mm to 1m,
±5µm per meter from 1m to 2m
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard,
used at room temperature and with MicroE interpolation electronics.
**Or +/- one quadrature count, whichever error value is greater.
Rotary Accuracy*
Scale O.D.
Microradians**
Arc-Seconds**
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
**Or +/- one quadrature count, whichever error value is greater.
Sensor Size
W:
12.70mm
0.500"
L:
15.24mm
0.600"
H:
5.59mm
0.220"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 33mA1
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
Shock:
1500G 0.5 ms half sine (Sensor)
Sensor Weight:
2.6g
1 Note: a voltage regulator on the customer’s printed circuit board, such as Analog
Devices’ ADP 3334 or equivalent, is recommended at the 5V input to the encoder
for maximum reliability.
* Analog outputs are for sensor alignment only.
Output Signals**
A
B
Pins 8 & 9
Pins 2 & 1
Quadrature TTL
Resolution
Alignment Signals
20µm
90°
800mVp-p ± 25%
on a 1.7V DC off-
set.
20µm Typical
5VDC
Index Window
** Inverse signals not shown for clarity.
Pins 6 & 7
Pins 3 & 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com