Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1510-H-4-R3213-HB Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M1510-H-4-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-H-4-R3213-HB Datasheet(HTML) 4 Page - GSI Group, Inc.

  M1510-H-4-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-H-4-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rotary - 20μm grating pitch
Rotary
Fundamental
Interpolation
Glass Scale
Resolution
Below is a table of the available resolutions.
Diameter
0.472” [12.00mm]
1650 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
6,600
13,200
33,000
66,000
interpolated resolution (arc-sec/count)*
196.4
98.2
39.2
19.64
interpolated resolution (µrad/count)*
952
476
190.3
95.2
maximum speed (RPM)
13090
13090
13090
13090
0.750” [19.05mm]
2500 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
10,000
20,000
50,000
100,000
interpolated resolution (arc-sec/count)*
129.6
64.8
25.9
12.96
interpolated resolution (µrad/count)*
628
314
125.6
62.8
maximum speed (RPM)
8640
8640
8640
8640
1.250” [31.75mm]
4096 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
16,384
32,768
81,920
163,840
interpolated resolution (arc-sec/count)*
79.1
39.6
15.82
7.91
interpolated resolution (µrad/count)*
383
191.7
76.6
38.3
maximum speed (RPM)
5273
5273
5273
5273
2.250” [57.15mm]
8192 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
32,768
65,536
163,840
327,680
interpolated resolution (arc-sec/count)*
39.6
19.78
7.92
3.96
interpolated resolution (µrad/count)*
191.7
95.8
38.3
19.17
maximum speed (RPM)
2637
2637
2637
2637
4.250” [107.95mm] 16384 CPR
x4
x8
x20
x40
interpolated resolution (CPR)
65,536
131,072
327,680
655,360
interpolated resolution (arc-sec/count)* 19.78
9.89
3.96
1.978
interpolated resolution (µrad/count)*
95.8
47.9
19.16
9.58
maximum speed (RPM)
1318
1318
1318
1318
* Resolution values shown are approximate. To calculate exact resolution values, convert from CPR (Counts Per Revolution) to the desired units.
Note: Specifications assume XOR function which is available in all standard controllers.
All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors.
Linear - 20μm grating pitch
Interpolation
Resolution
Maximum Speed
x4
5.000µm/count
7200mm/s
x8
2.500µm/count
7200mm/s
x20
1.000µm/count
7200mm/s
x40
0.500µm/count
7200mm/s
System Specifications
Resolution and Maximum Speed
Mercury 1500 systems have factory set interpolation: x4, x8, x20, x40. Below is the table of available resolutions.
Page 4 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com