Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2475 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2475
Description  DUAL-BAND LOW NOISE AMPLIFIER/MIXER WITH FREQUENCY DOUBLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2475 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2475 Datasheet HTML 9Page - RF Micro Devices RF2475 Datasheet HTML 10Page - RF Micro Devices RF2475 Datasheet HTML 11Page - RF Micro Devices RF2475 Datasheet HTML 12Page - RF Micro Devices RF2475 Datasheet HTML 13Page - RF Micro Devices RF2475 Datasheet HTML 14Page - RF Micro Devices RF2475 Datasheet HTML 15Page - RF Micro Devices RF2475 Datasheet HTML 16Page - RF Micro Devices RF2475 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary
8-101
RF2475
Rev A2 010918
8
Mixer1 Gain versus Frequency
RX Mode, VCC=2.8 V, LO PIN=-7 dBm
4.0
5.0
6.0
7.0
8.0
9.0
10.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
+25°C Gain
-40°C Gain
+85°C Gain
Mixer1 Gain versus Supply Voltage
RX Mode, 882 MHz, LO PIN=-7 dBm
5.0
6.0
7.0
8.0
9.0
10.0
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Supply Voltage (V)
+25°C Gain
-40°C Gain
+85°C Gain
Mixer1 SSB Noise Figure versus Frequency
RX Mode, VCC=2.8 V, LO PIN=-7 dBm
8.0
9.0
10.0
11.0
12.0
13.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
Mixer1 Input IP3 versus Frequency
RX Mode, -30 dBm per tone, 1 MHz Separation, VCC=2.8 V, LO PIN=-7 dBm
4.0
5.0
6.0
7.0
8.0
9.0
10.0
865.0
870.0
875.0
880.0
885.0
890.0
895.0
900.0
Frequency (MHz)
+25°C IIP3
-40°C IIP3
+85°C IIP3
Mixer1 Input IP3 versus Supply Voltage
RX Mode, 882/883 MHz, -30dBm per tone, LO PIN=-7 dBm
6.0
7.0
8.0
9.0
10.0
11.0
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Supply Voltage (V)
+25°C IIP3
-40°C IIP3
+85°C IIP3
Mixer1 SSB Noise Figure versus Supply Voltage
RX Mode, 882 MHz, LO PIN=-7 dBm
8.0
9.0
10.0
11.0
12.0
13.0
2.62.7
2.82.9
3.03.1
3.23.3
3.4
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com