Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2513 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2513
Description  UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2513 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2513 Datasheet HTML 3Page - RF Micro Devices RF2513 Datasheet HTML 4Page - RF Micro Devices RF2513 Datasheet HTML 5Page - RF Micro Devices RF2513 Datasheet HTML 6Page - RF Micro Devices RF2513 Datasheet HTML 7Page - RF Micro Devices RF2513 Datasheet HTML 8Page - RF Micro Devices RF2513 Datasheet HTML 9Page - RF Micro Devices RF2513 Datasheet HTML 10Page - RF Micro Devices RF2513 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
11-29
RF2513
Rev B8 010509
11
To tune the VCO the designer only needs to calculate
the value of the inductors connected to pins 18 and 20
(RESNTR- and RESNTR+). The inductor value is
determined by the following equation.
In this equation, f is the desired operating frequency
and L is the value of the inductor required. The value C
is the amount of capacitance presented by the varac-
tor, capacitor and parasitics. The factor of one half is
due to the inductors being in each leg.
Thesetup of theVCO canbesummarizedas follows.
First, open the loop. Next, get the VCO to run on the
desired frequency by selecting the proper inductor and
capacitor values. The capacitor value will need to
include the varactor and circuit parasitics. After the
VCO is running at the desired frequency, then set the
VCO sensitivity.
The sensitivity is determined by connecting the control
voltage input point to ground and noting the frequency.
Then connect the same point to the supply and again
note the frequency. The difference between these two
frequencies divided by the supply voltage is the VCO
sensitivity expressed in Hz/V. Increasing the inductor
value while
decreasing the
capacitor value will
increase the sensitivity. Decreasing the inductor value
while increasing the capacitor value will lower the sen-
sitivity.
When increasing or decreasing component values,
make sure that the center frequency remains constant.
Finally, close the loop.
External to the part, the designer needs to implement a
loop filter to complete the PLL. The loop filter converts
theoutput of thechargepumpintoavoltage that is
used to control the VCO. Internally, the VCO is con-
nected to the charge pump output through an internal
4k
Ω resistor. The loop filter is then connected in paral-
lel to this point at pin 23 (LOOP FLT). This limits the
loop filter topology to a second order filter usually con-
sisting of a shunt capacitor and a shunt series RC. A
passive filter is most common, as it is a low cost and
low noise design. An additional pole could be used for
reducing the reference spurs, however there is not a
way to add the series resistor. This should not be a
reason for concern however.
The schematic of the loop filter is as follows.
The transfer function is
where the time constants are defined as
and
The frequency at which unity gain occurs is given by
This is also the loop bandwidth.
If the phase margin (PM) and the loop bandwidth
(
ω
LBW) are known, it is possible to calculate the time
constants. These are found using the following equa-
tions.
and
With these known, it is then possible to determine the
values of the filter components.
RESNTR-
RESNTR+
LOOP
FLT
4k
Ω
L
L
L
1
2
π f
⋅⋅
----------------ø
ö
2
è
æ
1
C
----
1
2
---
⋅⋅
=
V
CC
R2
C2
C1
VCO
Loop Filter
Charge Pump
Fs
()
R
2
s
τ
2
1
+
⋅
s
τ
2
s
τ
1
1
+
⋅
()
⋅⋅
------------------------------------------
⋅
=
τ
2
R
2
C
2
⋅
=
τ
1
R
2
C
1
C
2
⋅
C
1
C
2
+
-------------------
⋅
=
ω
LBW
1
τ
1
τ
2
⋅
-------------------
=
τ
1
PM
()
sec
PM
()
tan
–
ω
LBW
--------------------------------------------------
=
τ
2
1
ω2
LB W
τ
1
⋅
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com