Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2608 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2608
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2608 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2608 Datasheet HTML 1Page - RF Micro Devices RF2608 Datasheet HTML 2Page - RF Micro Devices RF2608 Datasheet HTML 3Page - RF Micro Devices RF2608 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6-18
RF2608
Rev B3 010720
6
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
Board Size 1.420" x 1.420"
Board Thickness 0.031”, Board Material FR-4
2608400A
1
2
3
4
5
6
7
8
C4
22 pF
C2
470 pF
T1
1:1
C1
470 pF
C3
4pF
L1
100 nH
P1
1
2
3
NC
GND
P1-1
VCC
50
Ωµstrip
J1
IF IN
C5
22 pF
50
Ωµstrip
J2
LO IN
C6
47 pF
C7
100 nF
VCC
50
Ωµstrip
J3
RF OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com