Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0014450220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0014450220
Description  2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 20 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0014450220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0014450220 Datasheet HTML 1Page - Molex Electronics Ltd. 0014450220 Datasheet HTML 2Page - Molex Electronics Ltd. 0014450220 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 0014450220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014450220 MOLEX1-0014450220 Datasheet
48Kb / 2P
2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 24 AWG, 3.81關m Tin (Sn), 20 Circuits
0014450220 MOLEX1-0014450220_17 Datasheet
38Kb / 2P
2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row
0014450220 MOLEX1-0014450220_17 Datasheet
48Kb / 2P
2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 24 AWG, 3.81關m Tin (Sn), 20 Circuits
0014450220 MOLEX1-0014450220_18 Datasheet
48Kb / 2P
2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 24 AWG, 3.81關m Tin (Sn), 20 Circuits
More results

Similar Description - 0014450220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0014450209 MOLEX1-0014450209 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 9 Circuits
0014450211 MOLEX1-0014450211 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 11 Circuits
0014445224 MOLEX1-0014445224 Datasheet
153Kb / 2P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 22, 3.81關m (150關") Tin (Sn), 24 Circuits
0014450225 MOLEX1-0014450225 Datasheet
163Kb / 2P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 25 Circuits
0014450224 MOLEX1-0014450224 Datasheet
155Kb / 2P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 24 Circuits
0014450208 MOLEX1-0014450208 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 8 Circuits
0014450210 MOLEX1-0014450210 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 10 Circuits
0014450213 MOLEX1-0014450213 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 13 Circuits
0014450221 MOLEX1-0014450221 Datasheet
163Kb / 2P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 21 Circuits
0014450207 MOLEX1-0014450207 Datasheet
164Kb / 3P
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Male, Single Row, Version D, Back Ribs, for Wire Size 24, 3.81關m (150關") Tin (Sn), 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com