Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2908 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2908 Datasheet HTML 1Page - RF Micro Devices RF2908 Datasheet HTML 2Page - RF Micro Devices RF2908 Datasheet HTML 3Page - RF Micro Devices RF2908 Datasheet HTML 4Page - RF Micro Devices RF2908 Datasheet HTML 5Page - RF Micro Devices RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
11-88
RF2908
Rev C1 010904
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Down Control
Logical Controls “ON”
VCC-0.3V
VCC+0.3V
V
Voltage supplied to the input
Logical Controls “OFF”
0
0.3
V
Voltage supplied to the input
Control Input Impedance
>1
M
Ω
Turn On Time
1
ms
Reference Crystal= 9.6MHz. Dependent on
reference crystal. Higher frequencies reduce
turn on/off times.
Turn Off Time
1
ms
Reference Crystal= 9.6MHz. Dependent on
reference crystal. Higher frequencies reduce
turn on/off times.
RX to TX andTX toRX Time
100
µs
Power Supply
Voltage
2.7
3.3
3.6
V
Current Consumption
50
62
mA
VCC=3.3V; RX ENABL=HIGH;
PLL ENABL= HIGH
50
µAV
CC = 3.3 V; Sleep Mode
45
57
mA
VCC=3.3V; RX ENABL=LOW;
PLL ENABL= HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com