Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2915 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2915
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2915 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2915 Datasheet HTML 9Page - RF Micro Devices RF2915 Datasheet HTML 10Page - RF Micro Devices RF2915 Datasheet HTML 11Page - RF Micro Devices RF2915 Datasheet HTML 12Page - RF Micro Devices RF2915 Datasheet HTML 13Page - RF Micro Devices RF2915 Datasheet HTML 14Page - RF Micro Devices RF2915 Datasheet HTML 15Page - RF Micro Devices RF2915 Datasheet HTML 16Page - RF Micro Devices RF2915 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11-123
RF2915
Rev A7 001011
11
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
16
17
23
2
10
8
Linear
RSSI
31
LNA
6
4
1
32
24
25
13
19
18
11
15
14
22
21
29
PA
Control
Logic
12
3
5
7
9
20
30
28
27
Gain
Control
C22
22 pF
L4**
C21**
L5
8.2
µH
C25
22 pF
V
CC
C6 22 pF
C7 22 pF
C24
11 pF
R7
10
Ω
C23
10 nF
RX ENABL
P3-3
TX ENABL
P3-2
F1
SFECV10.7
MS3S-A-TC
R3
51 k
Ω
C13
10 pF
P4-1
RSSI
F2
SFECV10.7
MS3S-A-TC
C19
5pF
U4
CDF107B-
A0
R5
1.5 k
Ω
C20
10 nF
C1510nF
C1410nF
R13
1.2
k
Ω
C47
6.8 nF
C48
0.1
µF
R14
10 k
Ω
C50
22 pF
C3
0.1
µF
R2
10
Ω
V
CC
C1722pF
L3**
L2**
C16**
C18 0.1
µF
R4
100
Ω
V
C
C
D1**
C2
0.1
µF
R1
10
Ω
V
CC
P2-1
LVL ADJ
PLL LOOP BW ~5 kHz
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OSC IN
NC
OSC OUT
VP
VCC
DO
GND
LD
NC
FIN
PHS R
PWRD
N
PHS P
FOUT
BI SW
FC
LE
DATA
NC
CLK
C4722pF
C43
10 nF
V
PLL
R60
0
Ω
L7*
TBD
C49*
X1*
10 MHz
C42 10 nF
C41
10 nF
R30*
0
Ω
R15
0
Ω
J5
REF OSC
V
PLL
R27
12 k
Ω
R28
12 k
Ω
R29
12 k
Ω
R24
27 k
Ω
R25
27 k
Ω
R26
27 k
Ω
1
2
3
4
5
6
7
8
9
10
NC
P5-2
P5-3
P5-4
NC
NC
NC
NC
NC
Enable (PLL IC)
Data (PLL IC)
Clock (PLL IC)
GND
P5
P4-1
P4
RSSI
GND
1
2
P3-3
P3
1
2
3
4
5
TX ENABL
GND
RX ENABL
P3-2
NC
NC
P3-5
P3-4
V
PLL (LMX2315)
V
CC (RF2915)
P1-1
P1-3
P1
GND
1
2
3
P2-1
P2-3
P2
GND
1
2
3
LVL ADJ
NC
C81
4.7
µF
C1
22 pF
C4
22 pF
C30**
L8/R80**
C8**
L1**
C9**
J2
RF
R6*
N/C
C10
10 nF
C12
10 nF
C13
10 nF
J1
RX OUT
J4
MOD IN
C29
4.7
µF
C5
4.7
µF
C27*
10 nF
L6*
2.2
µH
C28*
120 pF
J3
MIX OUT
* Denotes components that are normally depopulated.
V
CC
LMX2315
** Component values for the different eval versions:
26
P6
DB9
5
9
4
7
6
1
2
3
8
R8
3.2 k
Ω
R9
10
Ω
C26
10 nF
22 nH
8.2 nH
8.2 nH
L1
22 nH
jumper
jumper
L8/R80
8pF
4pF
4pF
C9
15 pF
4pF
4pF
C8
8pF
N/C
N/C
C30
47 nH
12 nH
10 nH
L4
433 MHz
868 MHz
915 MHz
Freq
33 pF
9pF
10 pF
C21
15 nH
4.7 nH
8.2 nH
L2/L3
7pF
5pF
1.5 pF
C16
SMV-1235-011 (Alpha)
SMV-1234-011 (Alpha)
SMV-1233-011 (Alpha)
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com