Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2919 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2919
Description  433/868/915MHZ ASK/OOK RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2919 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2919 Datasheet HTML 9Page - RF Micro Devices RF2919 Datasheet HTML 10Page - RF Micro Devices RF2919 Datasheet HTML 11Page - RF Micro Devices RF2919 Datasheet HTML 12Page - RF Micro Devices RF2919 Datasheet HTML 13Page - RF Micro Devices RF2919 Datasheet HTML 14Page - RF Micro Devices RF2919 Datasheet HTML 15Page - RF Micro Devices RF2919 Datasheet HTML 16Page - RF Micro Devices RF2919 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11-155
RF2919
Rev A12 001113
11
Evaluation Board Schematic
H (915MHz), M (868MHz), L (433MHz) Boards
(Download Bill of Materials from www.rfmd.com.)
C27
47 pF
C26
10 nF
L7*
D1***
L6*
R9
10
Ω
PD
C3
4.7
µF
R1
10
Ω
C7
47 pF
R2
10
Ω
C8*
L4
6.8
µH
R5*
F1
SFECV10.7MS3S-A-TC
f
O=10.7 MHz
BW=180 kHz
C9
15 pF
C16
10 nF
C17
10 nF
C19
10 nF
C20
10 nF
MUTE
RSSI
C21
47 pF
R7
24 k
Ω
C32
100 pF
C31
100 pF
X1*
VCC
C4*
VCC
RSW1
0
Ω
C18
10 nF
F2
SFECV10.7MS3S-A-TC
f
O=10.7 MHz
BW=180 kHz
L1*
C5
100 pF
50
Ω µstrip
J1
RF IN
C6
10 nF
L2*
***D1 : SMV1233-011
C12
47 pF
C11
10 nF
C13
22 pF
**Components not normally populated.
L5
2.2
µH
C14
120 pF
50
Ω µstrip
J2
IF OUT
R3*
C24
10 nF
R8**
C25**
J3
ASK OUT
Drawing 2919400-, 401-, 402-
VCC
C23
10 pF
C22
10 nF
R6
10
Ω
C28*
C2
47 pF
C1
10 nF
VCC
VCC
R4
10
Ω
*See table for values.
P1-1
P1-3
P1
PD
GND
1
2
3
VCC
P2-1
P2-3
P2
RSSI
GND
1
2
3
MUTE
L (433MHz)
M (868MHz)
H (915MHz)
Board
C4 (pF)
L1 (nH)
L2 (nH)
C28 (pF)
C8 (pF)
L6 (nH)
L7 (nH)
X1 (MHz)
2.0
1.5
2.0
27
8.2
6.8
39
12
12
9.0
1.0
1.0
9.0
3.0
3.0
18
6.8
6.8
18
6.8
6.8
6.612813
13.41015
14.15099
R3 (
Ω)
100
**
**
R5 (
Ω)
510
1.8 k
1.8 k
C33
3 to 10 pF
13
16
23
20
8
6
Linear
RSSI
21
4
2
26
25
Prescaler
Β64
Phase
Detector &
Charge Pump
29
31
30
10
9
17
18
12
11
24
32
DC
BIAS
1
3
5
22
7
14
50 k
Ω
15
50 k
Ω
19
28
27
VCC
R10
3.9 k
Ω
C29
2.2 nF
C30
22 nF
R11
2.7 k
Ω
RSW2**
C15
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com