Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9958PCBA Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF9958PCBA
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9958PCBA Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF9958PCBA Datasheet HTML 4Page - RF Micro Devices RF9958PCBA Datasheet HTML 5Page - RF Micro Devices RF9958PCBA Datasheet HTML 6Page - RF Micro Devices RF9958PCBA Datasheet HTML 7Page - RF Micro Devices RF9958PCBA Datasheet HTML 8Page - RF Micro Devices RF9958PCBA Datasheet HTML 9Page - RF Micro Devices RF9958PCBA Datasheet HTML 10Page - RF Micro Devices RF9958PCBA Datasheet HTML 11Page - RF Micro Devices RF9958PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
5-104
RF9958
Rev B11 010720
5
MODOUT Output Power versus Gain Control Voltage
(VCC=3.0 V, 130 MHz)
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0.5
1.0
1.5
2.0
2.5
GC (V)
+25°C
-30°C
+85°C
MODOUT Noise Power versus Gain Control
(VCC=3.0 V, 85 MHz)
-170.0
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
0.5
1.0
1.5
2.0
2.5
GC(V)
-40 C
+25C
+85C
MODOUT IM3 Suppression versus Output Level
(VCC=3.0 V, 130 MHz)
37.0
38.0
39.0
40.0
41.0
42.0
43.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
MODOUT Output Level (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com