Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1396-R1BK Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1396-R1BK
Description  2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1396-R1BK Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1396-R1BK Datasheet HTML 1Page - Molex Electronics Ltd. 1396-R1BK Datasheet HTML 2Page - Molex Electronics Ltd. 1396-R1BK Datasheet HTML 3Page - Molex Electronics Ltd. 1396-R1BK Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 1396-R1BK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1396-R1BK MOLEX1-1396-R1BK Datasheet
185Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
More results

Similar Description - 1396-R1BK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003091064 MOLEX1-0003091064 Datasheet
191Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row
0003061044 MOLEX1-0003061044 Datasheet
125Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003091063 MOLEX1-0003091063 Datasheet
217Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row, without Panel Mount Ears, without Friction Lock Ramp
0003096061 MOLEX1-0003096061 Datasheet
216Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 6 Circuits, Dual Row, Panel Mount, Black
0019091069 MOLEX2-0019091069 Datasheet
113Kb / 3P
2.36mm (.093) Diameter Standard .093 Pin and Socket Receptacle Housing With Positive Latch, UL 94V-2, 6 Circuits
0019092068 MOLEX2-0019092068 Datasheet
122Kb / 3P
2.36mm (.093) Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 6 Circuits
0039036060 MOLEX3-0039036060 Datasheet
100Kb / 2P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 6 Circuits
03-06-1044 MOLEX11-03-06-1044 Datasheet
45Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-09-6032 MOLEX11-03-09-6032 Datasheet
47Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
19-09-2069 MOLEX11-19-09-2069 Datasheet
38Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-2, without Panel Mount, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com