Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4081 Datasheet(PDF) 2 Page - Rohm

Part # 2SC4081
Description  2SC4097 / 2SC1741S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4081 Datasheet(HTML) 2 Page - Rohm

  2SC4081 Datasheet HTML 1Page - Rohm 2SC4081 Datasheet HTML 2Page - Rohm 2SC4081 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2412K / 2SC4081 / 2SC4617 /
Transistors
2SC5658 / 2SC1740S
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
−
−
120
−
−
−
−
−
−
−
−
−
−
180
2
−
−
−
0.1
0.1
560
0.4
−
3.5
VIC=50
µA
IC=1mA
IE=50
µA
VCB=60V
VEB=7V
VCE=6V, IC=1mA
IC/IB=50mA/5mA
VCE=12V, IE=
−2mA, f=100MHz
VCE=12V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency
!
!
!
!
Packaging specifications and hFE
Package
Code
Taping
Bulk
Basic ordering
unit (pieces)
T146
T106
3000
3000
−
−
QRS
hFE
QRS
2SC2412K
2SC4081
−−
TL
3000
−
−
T2L
8000
−
−
−
QRS
2SC4617
TP
5000
−
−
−
−−
−
−
QRS
2SC5658
−
−−
−
QRS
2SC1740S
Type
hFE values are classified as follows :
Item
Q
R
S
hFE
120~270
180~390
270~560
!
!
!
!
Electrical characterristic curves
Fig.1
Grounded emitter propagation
characteristics
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2
Grounded emitter output
characteristics (
Ι )
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25
°C
IB=0A
0.40mA
0.50mA
0.45mA
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
3
µA
6
µA
9
µA
12
µA
15
µA
18
µA
21
µA
24
µA
27
µA
30
µA
Fig.3
Grounded emitter output
characteristics (
ΙΙ )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com