Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5658
Description  2SC4097 / 2SC1741S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5658 Datasheet(HTML) 1 Page - Rohm

  2SC5658 Datasheet HTML 1Page - Rohm 2SC5658 Datasheet HTML 2Page - Rohm 2SC5658 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2412K / 2SC4081 / 2SC4617 /
Transistors
2SC5658 / 2SC1740S
General purpose transistor (50V, 0.15A)
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 /
2SC1740S
!
Features
1) Low Cob.
Cob=2.0pF (Typ.)
2) Complements the 2SA1037AK /
2SA1576A / 2SA1774H /
2SA2029 / 2SA933AS.
!
!
!
!
Structure
Epitaxial planar type
NPN silicon transistor
!
!
!
!
External dimensions (Units : mm)
ROHM : VMT3
2SC5658
ROHM : SPT
EIAJ : SC-72
2SC1740S
(1) Emitter
(2) Collector
(3) Base
4
±0.2
2
±0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5+0.4
−0.1
* Denotes hFE
2SC2412K
2SC4617
ROHM :
EMT3
EIAJ : SC-75A
JEDEC : SOT-416
Abbreviated symbol: B*
ROHM : UMT3
EIAJ : SC-70
JEDEC : SOT-323
2SC4081
Abbreviated symbol: B*
Abbreviated symbol: B*
(1) Base
(2) Emitter
(3) Collector
ROHM : SMT3
EIAJ : SC-59
JEDEC : SOT-346
Abbreviated symbol: B*
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
0.3Min.
2.8
1.6
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
1.25
2.1
0.1Min.
(1) Emitter
(2) Base
(3) Collector
0.1Min.
1.6
0.8
(2)
(3)
(1)
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)
!
!
!
!
Absolute maximum (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
60
V
V
V
A
W
°C
°C
50
7
0.15
IC
0.2
0.15
0.3
2SC2412K, 2SC4081
2SC1740S
2SC4617, 2SC5658
150
−55~+150
Symbol
Limits
Unit


Similar Part No. - 2SC5658

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC5658 ROHM-2SC5658 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
SeCoS Halbleitertechnol...
2SC5658 SECOS-2SC5658 Datasheet
460Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SC5658 JIANGSU-2SC5658 Datasheet
1Mb / 4P
SOT-723 Plastic-Encapsulate Transistors
logo
Rohm
2SC5658 ROHM-2SC5658 Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com