Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4098 Datasheet(PDF) 3 Page - Rohm

Part # 2SC4098
Description  High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4098 Datasheet(HTML) 3 Page - Rohm

  2SC4098 Datasheet HTML 1Page - Rohm 2SC4098 Datasheet HTML 2Page - Rohm 2SC4098 Datasheet HTML 3Page - Rohm 2SC4098 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5659 / 2SC4618 / 2SC4098 /
Transistors
2SC2413K / 2SC2058S
Rev.A
3/3
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.8 Capacitance vs. voltage
0.1
0.5
1
2
5
10
20
1
2
5
Ta
=25°C
f
=1MHz
IC
=0A
Cob
C
ib
IE
=0A
Fig.9 Collector to base time constance
vs. emitter current
−0.1 −0.2
−0.5 −1
−2
−5
−10
10
20
50
100
Ta
=25°C
f
=31.8MHz
VCE
=6V
EMITTER CURRENT : IE
(mA)
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth product vs.emitter current
−1
−2
−5
−10
−20
−50
200
100
500
1000
Ta
=25°C
VCE
=6V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com