Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA10393 Datasheet(PDF) 2 Page - Rohm

Part # BA10393
Description  Dual comparators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10393 Datasheet(HTML) 2 Page - Rohm

  BA10393 Datasheet HTML 1Page - Rohm BA10393 Datasheet HTML 2Page - Rohm BA10393 Datasheet HTML 3Page - Rohm BA10393 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BA10393 / BA10393F / BA10393N
•Internal circuit configuration
VCC
OUT
GND
+ IN
– IN
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
BA10393
BA10393F
BA10393N
VCC
36 (
± 18)
36 (
± 18)
36 (
± 18)
V
Pd
800∗
550∗
900∗
mW
VID
± VCC
V
VI
– 0.3 ~ VCC
V
Topr
°C
Tstg
°C
– 40 ~ + 85
– 55 ~ + 125
– 55 ~ + 125
– 40 ~ + 85
– 40 ~ + 85
– 55 ~ + 125
± VCC
– 0.3 ~ VCC
± VCC
– 0.3 ~ VCC
Power supply voltage
Power dissipation
Differential input voltage
Common-mode input voltage
Operating temperature
Storage temperature
∗ Refer to the Pd characteristics diagram.
The values for the BA10393F are those when it is mounted on a glass epoxy PCB (50mm
× 50mm × 1.6mm).
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIO
—
± 1
± 5mV
VO = 1.4V
IIO
—
± 5
± 50
nA
| IIN
+
+
+
+
– IIN
– |, VO = 1.4V
IB
—
25
250
nA
VO = 1.4V
VICM
0—
VCC –1.5
V
AV
93
106
—
dB
RL = 15k
Ω, VCC = 15V
IQ
—
0.4
1
mA
RL =
∞, on All Comparators
Isink
6
16
—
mA
VIN = + 1V, VIN = 0V, VO = 1.5V
VOL
—
250
400
mV
VIN = + 1V, VIN = 0V, Isink = 4mA
Ileak
—
0.1
—
nA
VIN = + 1V, VIN = 0V,VO = 5V
tr
—
1.3
—
µsRL = 5.1kΩ, VRL = 5V
Input offset voltage
Input offset current
Input bias current
Common-mode input voltage
Voltage gain
Quiescent current
Output sink current
Output saturation voltage
Output leakage current
Response time
–
–
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com