Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2004-R Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2004-R
Description  1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

2004-R Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2004-R Datasheet HTML 1Page - Molex Electronics Ltd. 2004-R Datasheet HTML 2Page - Molex Electronics Ltd. 2004-R Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2004-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2004-R1 MOLEX1-2004-R1 Datasheet
125Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
2004-RBK MOLEX1-2004-RBK Datasheet
133Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row,with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
2004-RBK MOLEX11-2004-RBK Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
More results

Similar Description - 2004-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003067044 MOLEX1-0003067044 Datasheet
135Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row,without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
0003062044 MOLEX1-0003062044 Datasheet
136Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003061044 MOLEX1-0003061044 Datasheet
125Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
0003066043 MOLEX1-0003066043 Datasheet
133Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row,with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
0003062043 MOLEX1-0003062043 Datasheet
136Kb / 3P
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-1043 MOLEX11-03-06-1043 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-1044 MOLEX11-03-06-1044 Datasheet
45Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-2043 MOLEX11-03-06-2043 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-2044 MOLEX11-03-06-2044 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
03-06-6043 MOLEX11-03-06-6043 Datasheet
44Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, Dual row, with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com