Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3529AFP Datasheet(PDF) 6 Page - Rohm

Part # BA3529AFP
Description  Pre / power amplifier and motor governor for 3V headphone stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3529AFP Datasheet(HTML) 6 Page - Rohm

Back Button BA3529AFP Datasheet HTML 2Page - Rohm BA3529AFP Datasheet HTML 3Page - Rohm BA3529AFP Datasheet HTML 4Page - Rohm BA3529AFP Datasheet HTML 5Page - Rohm BA3529AFP Datasheet HTML 6Page - Rohm BA3529AFP Datasheet HTML 7Page - Rohm BA3529AFP Datasheet HTML 8Page - Rohm BA3529AFP Datasheet HTML 9Page - Rohm BA3529AFP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
390
Audio ICs
BA3528AFP / BA3529AFP
FCircuit operation
(1)
Preamplifier
In the preamplifier input stage the pin 22 bias is the input
and the negative feedback virtual earth, and the bias for
the input stage transistor is taken from pin 22 via the tape
head to allow direct coupling. Connect a 1000pF capaci-
tor in parallel with the tape head to prevent high-frequen-
cy interference (see Fig. 2).
(2)
Mute amplifier
Preamplifier output muting can be switched on and off.
The mute is off when the mute switch input (pin 1) is low
or open, and on when the mute switch input is high (tied
to VCC via a resistor), see Fig. 3.
(3)
Equalizer
The preamplifier is based on an NAB120
µs NF-type
equalizer. It is possible to add a switching function for the
equalizer using the mute amplifier. Switching of the
equalizer constant is controlled by the voltage on pin 1
(low or high). Note, however, when this is done, preampli-
fier muting no longer operates (see Fig. 4).
(4)
Power amplifier
The power amplifier employs an NF circuit with fixed
gain. GVC = 36dB (BA3528AFP) and GVC = 27dB
(BA3529AFP).
For the input stage, the pin 22 bias point is the input and
the negative feedback virtual earth point, and the first
stage transistor bias is taken from pin 22. The built-in VREF
amplifier uses the same bias point as its input, and its out-
put voltage is about the same as DC output voltage from
the power amplifier. This becomes the virtual earth for the
headphones (see Fig. 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com