Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3530FS Datasheet(PDF) 3 Page - Rohm

Part # BA3530FS
Description  Headphone amplifier with internal LPF and EVR for CD-ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3530FS Datasheet(HTML) 3 Page - Rohm

  BA3530FS Datasheet HTML 1Page - Rohm BA3530FS Datasheet HTML 2Page - Rohm BA3530FS Datasheet HTML 3Page - Rohm BA3530FS Datasheet HTML 4Page - Rohm BA3530FS Datasheet HTML 5Page - Rohm BA3530FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
142
Optical disc ICs
BA3530FS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5.0V, line RL1 = 50kΩ, H / P RL2 = 32Ω,
VIN = 0.8Vrms, f = 1kHz, EVR Max.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com