Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3570FS Datasheet(PDF) 5 Page - Rohm

Part # BA3570FS
Description  ALS headphone driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3570FS Datasheet(HTML) 5 Page - Rohm

  BA3570FS Datasheet HTML 1Page - Rohm BA3570FS Datasheet HTML 2Page - Rohm BA3570FS Datasheet HTML 3Page - Rohm BA3570FS Datasheet HTML 4Page - Rohm BA3570FS Datasheet HTML 5Page - Rohm BA3570FS Datasheet HTML 6Page - Rohm BA3570FS Datasheet HTML 7Page - Rohm BA3570FS Datasheet HTML 8Page - Rohm BA3570FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1
fCL1=
2
π S (R3//R4) S C4
EVR
GV(ATT) = 20log
R10
)EVR
R7
)R11
GV(B) = 20log
R7
1
fCL3 =
2
π S R7 S C11
:
(Hz)
1
fCL2 =
2
π S R12 S C12
R14
GV(D) = 20log
R13
R15+R16
GV(E) = 20log
R15
1
fCH1 =
2
π S (R6+R8) S C10
:
(Hz)
558
Audio ICs
BA3570F / BA3570FS
1) Bass signal transmission and gain vs. frequency
2) Treble signal transmission and gain vs.
frequency
The gain and cutoff frequency of each block is as follows:
LPF1 cutoff frequency :
(Hz)
Amp A gain
: GV(A) = 0
(dB)
ATT attenuation
:
(dB)
Amp B gain
:
(dB)
Amp B cutoff
frequency
LPF2 cutoff frequency :
(Hz)
Amp C gain
: GV(C) = 0
(dB)
Amp D gain
:
(dB)
Mute switch gain
: GV(MUTE) = 0
(dB)
Amp E gain
:
(dB)
z15dB
In this case, R3 = R4 = 2SR12 (= 100k
Ω) and C4 = C12 (=
0.1
µF), therefore fCL1 = fCL2 (= 32Hz), and the frequency
characteristic is bass boost (
*12 dB/OCT) as shown in
Fig. 4. Also, R14 = 2SR13, therefore GV(D) = 6 (dB) and the
EVR MAX total gain GLMAX when signals are input from
both channels is
GLMAX = GV(A)+GV(B)+GV(C)+GV(D)
GLMAX = +GV(MUTE)+GV(E)
GLMAX = GV(B)+6+15 (dB)
The gain and cutoff frequency of each block is as follows:
HPF cutoff
frequency 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com