Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3571F Datasheet(PDF) 3 Page - Rohm

Part # BA3571F
Description  Headphone driver for portable CD players
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3571F Datasheet(HTML) 3 Page - Rohm

  BA3571F Datasheet HTML 1Page - Rohm BA3571F Datasheet HTML 2Page - Rohm BA3571F Datasheet HTML 3Page - Rohm BA3571F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA3571F
Audio ICs
!
!
!
!Electrical characteristics
_ (unless otherwise noted, Ta = 25
°C, VCC= 3V, RL = 16Ω, and f = 1kHz; measurement circuit shown in Fig.1)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Quiescent current
IQ
-
9
18
mA
Voltage gain 1
GV1
13.5
15
16.5
dB
Voltage gain 2
GV2
11.5
13
14.5
dB
Rated output power
POUT
20
30
-
mW
THD = 10%
Total harmonic distortion
THD
-
0.15
1.0
%
VO = -16dBm
Channel balance
CB
-1.5
0
1.5
dB
VO = -16dBm
VNO1
-
-92
-88
dBm
Output noise voltage 2
VNO2
-
-88
-84
dBm
Input resistance
RIN
10.8
13.5
16.2
k
Ω
Ripple rejection
RR
23
36
-
dB
fRR = 100Hz, VRR= -30dBm, BB = OFF
Boost
BB
4
6
8
dB
f = 100Hz, VIN = -36dBm
Channel separation
CS
52
62
-
dB
VIN = 0Vrms
Output noise voltage 1
BB = OFF
BB = ON
BB = OFF, IHF - A
BB = ON, IHF - A
f = 1kHz, BB = OFF
* Not designed for radiation resistance.
!
!
!
!Measurement circuit
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Pre
GND
39k
50k
BB SW
GND
VCC
RF1
VCC
V
~
THD
A
SW1
VCC
2
1
47
1
2
SW2
GND
16
V
THD
16
2
1
~
2
1
SW4
5.1k
SW3
1 2
13k
~
SW6
2
1
10k
~
10k
SW3
2
1 2
100k
100k
SW5
13k
1
1
µ
0.1
µ
0.1
µ
2.2
µ
0.22
µ
220
µ
220
µ
220
µ
33
µ
33
µ
1
µ
+
+
+
+
+
+
+
+
+
Resistors
Capacitors
Capacitors (electrolytic)
:
Ω (±1%)
: F (±1%)
: F (±5%)
Units
Fig. 1
~



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com