Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3574BFS Datasheet(PDF) 9 Page - Rohm

Part # BA3574BFS
Description  Low-current audio headphone driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3574BFS Datasheet(HTML) 9 Page - Rohm

Back Button BA3574BFS Datasheet HTML 3Page - Rohm BA3574BFS Datasheet HTML 4Page - Rohm BA3574BFS Datasheet HTML 5Page - Rohm BA3574BFS Datasheet HTML 6Page - Rohm BA3574BFS Datasheet HTML 7Page - Rohm BA3574BFS Datasheet HTML 8Page - Rohm BA3574BFS Datasheet HTML 9Page - Rohm BA3574BFS Datasheet HTML 10Page - Rohm BA3574BFS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
591
Audio ICs
BA3574BFS
FOperation notes
(1)
Application circuits
Provided the recommended circuit constants are used,
the application circuits should function correctly. Howev-
er, we recommend that you confirm the characteristics of
the circuits in actual use. If you change the circuit
constants, check both the static and transient character-
istics of the circuit, and allow sufficient margin to accom-
modate variations between both ICs and external com-
ponents.
In particular, the capacitors connected to the OUT 1,
OUT 2, and Vref pins must have low impedance at high
frequency.
(2)
Wiring of PCB
The PCB pattern for the external components should be
designed carefully to prevent oscillation and degradation
of the circuit characteristics. Keep the wiring tracks as
short as possible, and ensure that there is no impedance
between the common connections.
(3)
Recommended power supply voltage range
The curves in Fig. 5 below show the maximum allowable
power output (PO (Max.) / ch) plotted against the supply volt-
age (VCC) for different values of ambient temperature
(Ta). When VCC
y 3.6V, operate the IC in the region be-
low the dotted line, and do not exceed it.
If the maximum allowable power output for each channel
(PO (Max.) / ch) is exceed, the internal power consumption
will exceed the power dissipation capacity of the pack-
age, and destroy the IC.
(4)
Switching noise prevention
Operate the BA3574BFS according to the timing dia-
gram given in Fig. 6 below to prevent a “pop” sound from
being output to the headphones.
(5)
BIAS OUT (pin 15)
The internal operating point voltage of the BA3574BFS
is supplied from BIAS OUT (pin 15). The current capacity
is limited, so do not use this as the operating point for ex-
ternal circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com