Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3577FS Datasheet(PDF) 8 Page - Rohm

Part # BA3577FS
Description  Low power consumption headphone driver for digital audio
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3577FS Datasheet(HTML) 8 Page - Rohm

Back Button BA3577FS Datasheet HTML 2Page - Rohm BA3577FS Datasheet HTML 3Page - Rohm BA3577FS Datasheet HTML 4Page - Rohm BA3577FS Datasheet HTML 5Page - Rohm BA3577FS Datasheet HTML 6Page - Rohm BA3577FS Datasheet HTML 7Page - Rohm BA3577FS Datasheet HTML 8Page - Rohm BA3577FS Datasheet HTML 9Page - Rohm BA3577FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
825
Audio ICs
BA3577FS
FCircuit operation
(1)
The BA3577FS operates at the timing chart shown below, which prevents popping noises in the headphone output.
(2)
The ripple filters (pins 1 and 2) and bias amplifiers (pins 3 and 4) of the BA3577FS cannot be used as external power
supplies or reference voltages.
(3)
The BA3577FS outputs a BEEP signal only when the PWSTB pin (pin 7) and the MUTE pin (pin 9) are HIGH. Also,
input a rectangular waveform of 500Hz to 5kHz with an amplitude from the GND to VCC to the BEEP IN pin (pin 11).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com