Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3822LS Datasheet(PDF) 1 Page - Rohm

Part # BA3822LS
Description  5-channel stereo graphic equalizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3822LS Datasheet(HTML) 1 Page - Rohm

  BA3822LS Datasheet HTML 1Page - Rohm BA3822LS Datasheet HTML 2Page - Rohm BA3822LS Datasheet HTML 3Page - Rohm BA3822LS Datasheet HTML 4Page - Rohm BA3822LS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
550
Audio ICs
5-channel stereo graphic equalizer
BA3822LS / BA3822FS / BA3823LS / BA3824LS
The BA3822LS, BA3822FS, BA3823LS, and BA3824LS are monolithic, five-point stereo graphic equalizer ICs.
Each IC has two channels, and the five center frequencies for each channel are independently set using external capaci-
tors. These ICs feature a wide operating power supply voltage range (VCC = 3.5V to 14V), and are available in compact
24-pin SZIP and SSOP packages, depending on the type. This makes them an ideal choice for home stereo systems,
radio cassette players, and car stereos.
The difference between the ICs is the amount of boost and cut control. Choose according to the requirements of your
application.
FApplications
Five-point stereo graphic equalizer for home and car stereo systems.
FFeatures
1) Allows construction of a five-point stereo graphic
equalizer with a single IC.
2) Wide operating power supply voltage range (VCC =
3.5V to 14V).
3) Low current dissipation (IQ = 7mA).
4) Available in compact SZIP / SSOP-A24 packages.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3822LS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3826 ROHM-BA3826 Datasheet
115Kb / 7P
Band-pass filter for spectrum analyzer
BA3826S ROHM-BA3826S Datasheet
115Kb / 7P
Band-pass filter for spectrum analyzer
More results

Similar Description - BA3822LS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
logo
Samsung semiconductor
KA2223 SAMSUNG-KA2223 Datasheet
188Kb / 4P
5-BAND GRAPHIC EQUALIZER AMPLIFIER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
5-Band Graphic Equalizer
logo
Sony Corporation
CXA1352AS SONY-CXA1352AS Datasheet
216Kb / 17P
2-channel 5 Elements Graphic Equalizer IC
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
77 Band Graphic Equalizer (Stereo)
SG5 RFSOLUTIONS-SG5 Datasheet
705Kb / 2P
66 Band Graphic Equalizer (Stereo)
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
77 Band Graphic Equalizer (Stereo)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com