Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3823LS Datasheet(PDF) 2 Page - Rohm

Part # BA3823LS
Description  5-channel stereo graphic equalizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3823LS Datasheet(HTML) 2 Page - Rohm

  BA3823LS Datasheet HTML 1Page - Rohm BA3823LS Datasheet HTML 2Page - Rohm BA3823LS Datasheet HTML 3Page - Rohm BA3823LS Datasheet HTML 4Page - Rohm BA3823LS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
551
Audio ICs
BA3822LS / BA3822FS / BA3823LS / BA3824LS
FElectrical characteristics
BA3822LS and BA3822FS
(unless otherwise noted, Ta = 25
_C, VCC = 8V, VIN = 100mVrms (1kHz), RL = 20kΩ, and F = FLAT)
BA3823LS
(unless otherwise noted, Ta = 25
_C, VCC = 8V, VIN = 100mVrms (1kHz), RL = 20kΩ, and F = FLAT)
BA3824LS
(unless otherwise noted, Ta = 25
_C, VCC = 8V, VIN = 100mVrms (1kHz), RL = 20kΩ, and F = FLAT)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com