Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3837F Datasheet(PDF) 6 Page - Rohm

Part # BA3837F
Description  Vocal fader IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3837F Datasheet(HTML) 6 Page - Rohm

Back Button BA3837F Datasheet HTML 2Page - Rohm BA3837F Datasheet HTML 3Page - Rohm BA3837F Datasheet HTML 4Page - Rohm BA3837F Datasheet HTML 5Page - Rohm BA3837F Datasheet HTML 6Page - Rohm BA3837F Datasheet HTML 7Page - Rohm BA3837F Datasheet HTML 8Page - Rohm BA3837F Datasheet HTML 9Page - Rohm BA3837F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Multimedia ICs
BA3837 / BA3837F / BA3838F
Parameter
Symbol
Min.
Typ. Max.
Unit
Conditions
IQ
1.6
2.4
3.3
mA
Vom
2.3
2.8
—
GVT
10
14
17
dB
GVF
10
14
17
dB
GVM
5
8
11
dB
CT
54
70
—
dB
fIN = 1kHz
MU
73
80
—
dB
fIN = 1kHz
SV
28
33
—
dB
THD
—
0.02
0.07
%
VN
—
15
22
RIN
35
50
65
k
Ω
VthH
4.7
——
V
VthL
—
—
0.3
V
∆DC
—
726
mV
µVrms
Vrms
—
—
—
Quiescent current
Maximum output voltage
L / R gain
Low frequency gain
Microphone gain
Crosstalk
Mute attenuation
Vocal suppression rate
Total harmonic distortion
Noise level
Input impedance
Output switching DC differential
Control pin threshold (high)
Control pin threshold (low)
Not designed for radiation resistance.
Through mode
THD = 1%, through mode
Through mode
fin = 50kHz, vocal fader mode
Vocal fader mode
Through mode, BW : 400Hz - 30kHz
Rg = 0, DIN AUDIO
LIN, RIN, MICIN, FK
Maximum output voltage differential between L, R and TK modes
0 : 0V
1 : 5V
A B C
LOUT
ROUT
TK
0 0 0
MUTE
MUTE
MUTE
0 0 1
VF
VF
VF
0 1 0
L
L
L
0 1 1
L
R
L
1 0 0
MUTE
MUTE
MUTE
•
•
•
•
1 0 1
KC
KC
VF
1 1 0
KC
KC
L
1 1 1
KC
KC
L + R
—
—
—
—
Mute
Vocal fader mode
Sound multiplexing mode
Through mode
Mute
Vocal fader mode
Sound multiplexing mode
L + R
Key controller mode
Mode
VF : vocal fader output
KC : signal passed through key controller
1. L / R input and output in the through mode are synchronous with a gain of 14dB.
2. L / R input and TK output in the key controller mode are synchronous with a gain of 8dB.
3. FK input and L / R output in the key controller mode are synchronous with a gain of 6dB.
4.MIC input and L / R output are negative phase with a gain of 8dB.
(1) Microphone output is not muted during muting (ABC = 000 or 100).
(2) Gain and relative phase: See block diagram.
Mode table (A = pin14, B = pin15, C = pin16)
•Electrical characteristics
BA3837 / F (unless otherwise noted, Ta = 25°C, Vcc = 10V, fIN = 1kHz, VIN = 150mV, RL = 100k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com