Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1396-R1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1396-R1
Description  2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1396-R1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1396-R1 Datasheet HTML 1Page - Molex Electronics Ltd. 1396-R1 Datasheet HTML 2Page - Molex Electronics Ltd. 1396-R1 Datasheet HTML 3Page - Molex Electronics Ltd. 1396-R1 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 1396-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1396-R1 MOLEX1-1396-R1 Datasheet
248Kb / 5P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
1396-R1 MOLEX11-1396-R1 Datasheet
44Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
1396-R1-BK MOLEX11-1396-R1-BK Datasheet
47Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
1396-R1BK MOLEX1-1396-R1BK Datasheet
159Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
More results

Similar Description - 1396-R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003092041 MOLEX1-0003092041 Datasheet
121Kb / 4P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing
0003092032 MOLEX1-0003092032 Datasheet
185Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
0003091081 MOLEX1-0003091081 Datasheet
190Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
0003097032 MOLEX1-0003097032 Datasheet
159Kb / 3P
2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row, Black
0003091031 MOLEX1-0003091031 Datasheet
190Kb / 4P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
0003092042 MOLEX1-0003092042 Datasheet
131Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 4 Circuits,Single Row
0003091032 MOLEX1-0003091032 Datasheet
248Kb / 5P
2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, 3 Circuits, Single Row
03-09-2032 MOLEX11-03-09-2032 Datasheet
46Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
0003092032 MOLEX1-0003092032_18 Datasheet
40Kb / 2P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits, Single Row
0003097032 MOLEX1-0003097032_18 Datasheet
39Kb / 1P
2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 3 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com