Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4560F Datasheet(PDF) 2 Page - Rohm

Part # BA4560F
Description  Dual high slew rate operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560F Datasheet(HTML) 2 Page - Rohm

  BA4560F Datasheet HTML 1Page - Rohm BA4560F Datasheet HTML 2Page - Rohm BA4560F Datasheet HTML 3Page - Rohm BA4560F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BA4560 / BA4560F / BA4560N
•Internal circuit configuration
VCC
VEE
R2
R3
R1
Q5
Q1
– IN
+ IN
Q2
Q6
Q9
Q8
Q4
Q3
R4
Q10
Q7
Q11
R9
D
Q13
R5
R6
R7
Q12
Q14
Q15
R8
OUT
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
BA4560
BA4560F
BA4560N
Power supply voltage
VCC
± 18
± 18
± 18
V
Power dissipation
800∗
550∗
900∗
mW
Differential input voltage
VID
± VCC
V
Common-mode input voltage
VI
V
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
– 40 ~ + 85
– 55 ~ + 125
Pd
∗ Refer to the Pd characteristics diagram. The values for the BA4560F are those when it is mounted on a glass
epoxy PCB (50mm
× 50mm × 1.6mm).
– VCC ~ VCC
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = +15 V, VEE = -15 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input offset voltage
VIO
—
0.5
6.0
mV
RS
10k
Ω
Input offset current
IIO
—
5
200
nA
Input bias current
IB
—
50
500
nA
High-amplitude voltage gain
AV
86
100
—
dB
RL
2k
Ω, VO = ± 10V
Common-mode input voltage
VICM
± 12
± 14
—
V
Maximum output voltage 1
VOM1
± 12
± 14
—
V
RL
10k
Ω
Maximum output voltage 2
VOM2
± 10
± 13
—
V
RL
2k
Ω
Common-mode rejection ratio
CMRR
70
90
—
dB
RS
10k
Ω
Power supply voltage rejection ratio
PSRR
—
30
150
RS
10k
Ω
Slew rate
S. R.
—
4.0
—
V /
µsAV = 1, RL = 2kΩ
Input conversion noise voltage
Vn
—
—
2.2
µV
Gain band width product
GBW
—
10
—
MHz
µV / V
f = 10kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com