Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5937AFP Datasheet(PDF) 8 Page - Rohm

Part # BA5937AFP
Description  4-channel BTL driver for CD players
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5937AFP Datasheet(HTML) 8 Page - Rohm

  BA5937AFP Datasheet HTML 1Page - Rohm BA5937AFP Datasheet HTML 2Page - Rohm BA5937AFP Datasheet HTML 3Page - Rohm BA5937AFP Datasheet HTML 4Page - Rohm BA5937AFP Datasheet HTML 5Page - Rohm BA5937AFP Datasheet HTML 6Page - Rohm BA5937AFP Datasheet HTML 7Page - Rohm BA5937AFP Datasheet HTML 8Page - Rohm BA5937AFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
639
Optical disc ICs
BA5937AFP
(2)
Voltage setting for loading motor driver (ex: forward mode)
∗When setting the output voltage from the loading driver,
even if an output voltage is set that exceeds the maxi-
mum output voltage with respect to the power supply
voltage, the output will not exceed the maximum output
voltage.
If a voltage is set that is under the maximum output volt-
age, the example above is applicable. Also, by having the
loading input (pin 19) open, the maximum output voltage
with respect to the power supply voltage is output.
(3)
The BA5937AFP contains a thermal shutdown cir-
cuit.
When the chip temperature reaches 175
_C (Typ.), the
output current is muted. If the chip temperature then
drops below 150
_C (Typ.), then the mute is released.
(4)
If the voltage of the bias pin (pin 23) drops below
1.0V (Typ.), outputs are muted.
For normal conditions, have the voltage above 1.4V and
below 6.5V.
(5)
By having the mute pin (pin 7) voltage pulled up to
2.0V or greater, you can mute the output current for chan-
nels 1 and 4. For normal conditions, have pin 7 open or
at 0.5V or below.
(6)
If the voltage of the thermal shutdown, mute ON, or
bias pin drops, the mute is activated; however, in these
situations, only the drivers are muted. Also, the output pin
voltage becomes the internal bias voltage (approx.
(VCC
*VF)/2).
(7)
Connect a bypass capacitor (approx. 0.1
µF) be-
tween the bases of the power supply pins of this IC.
(8)
Even though the radiation fins are connected to
ground within the package, be sure to also connect them
to a ground externally as well.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com