Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6110FS Datasheet(PDF) 5 Page - Rohm

Part # BA6110FS
Description  Voltage controlled operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6110FS Datasheet(HTML) 5 Page - Rohm

  BA6110FS Datasheet HTML 1Page - Rohm BA6110FS Datasheet HTML 2Page - Rohm BA6110FS Datasheet HTML 3Page - Rohm BA6110FS Datasheet HTML 4Page - Rohm BA6110FS Datasheet HTML 5Page - Rohm BA6110FS Datasheet HTML 6Page - Rohm BA6110FS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA6110FS
Standard ICs
Fig.3 Voltage-controlled amplifier (electronic volume control)
RIN
150k
9
10k
100k
(Offset adjustment)
VIN
RIN
10k
330k
VR
BA6110FS
11
12
1
7
15
5
3
14
OUT
VCC = 15V
R0 = 27k
Ω
30k
Ω
ICONTROL
VEE = – 15V
11
3
200
Ω
VIN
100k
BA6110FS
12
5
1
9
7
IC
VC
15
14
OUT
VCC = 15V
VEE = – 15V
150pF
R
100k
20k
Ω
Fig.4 Voltage control low pass filter
3
200
100k
Ω
VIN
BA6110FS
1
7
VC
15
14
VCC 15V
ICONTROL
R
R
VEE
15V
9
5
11
12
3
RA
200
Ω
100k
Ω
100k
Ω
BA6110FS
1
7
15
14
V
200
Ω
20k
Ω
9
5
11
12
2C
200pF
C 100pF
RA
200
Fig.5 Voltage-controlled secondary low pass filter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com