Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6222 Datasheet(PDF) 4 Page - Rohm

Part # BA6222
Description  Reversible motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Datasheet(HTML) 4 Page - Rohm

  BA6222 Datasheet HTML 1Page - Rohm BA6222 Datasheet HTML 2Page - Rohm BA6222 Datasheet HTML 3Page - Rohm BA6222 Datasheet HTML 4Page - Rohm BA6222 Datasheet HTML 5Page - Rohm BA6222 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
408
Motor driver ICs
BA6222
(10) ASO
Make sure that the output current and supply voltage do
not exceed the ASO values.
(11) Precautions for input mode switching
To ensure reliability, it is recommended that the mode
switching for the motor pass once through the open
mode.
(12) In-rush current
There are no circuits built into these ICs that prevent in-
rush currents. Therefore, it is recommended to place a
current limiting resistor or other physical countermea-
sure.
(13) Factors regarding the thermal, power supply, and
motor conditions
If the potential of the output pin sways greatly and goes
below the potential of ground, the operation of the IC may
malfunction or be adversely affected. In such a case,
place a diode between the output and ground, or other
measure, to prevent this.
C1 : Power supply filter capacitor. Place as near as pos-
sible to pin 1.
C2, C3 : Capacitors to prevent both output transistors
being turned on at the same time.
C4 : Surge voltage absorbing capacitor
C5 : Oscillation preventing capacitor. An oscillation may
occur if a circuit having an output impedance of
more than a few hundred ohms is connected to pin
4. In this case, connect a capacitor of at least
3300pF.
R : Resistor used for reducing collector loss and lim-
iting the short-circuit current. A resistance range of
4.7
X 10Ω is recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com