Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6285FP Datasheet(PDF) 7 Page - Rohm

Part # BA6285FP
Description  Reversible motor driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FP Datasheet(HTML) 7 Page - Rohm

  BA6285FP Datasheet HTML 1Page - Rohm BA6285FP Datasheet HTML 2Page - Rohm BA6285FP Datasheet HTML 3Page - Rohm BA6285FP Datasheet HTML 4Page - Rohm BA6285FP Datasheet HTML 5Page - Rohm BA6285FP Datasheet HTML 6Page - Rohm BA6285FP Datasheet HTML 7Page - Rohm BA6285FP Datasheet HTML 8Page - Rohm BA6285FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
429
Motor driver ICs
BA6285FS / BA6285FP
(4)
Thermal shutdown circuit
When the thermal shutdown circuit is activated at the
chip temperature of about 175
_C (typical), the outputs
are left OPEN. The temperature difference between the
activation and deactivation settings is about 15
_C. When
the thermal shutdown circuit is deactivated, the outputs
revert to the status determined by input mode.
FInput / output truth table
FApplication examples
BA6285FS
BA6285FP
FOperation notes
(1)
The quality of these products have been carefully
checked; however, use of the products with applied volt-
ages, operating temperatures, or other parameters that
exceed the absolute maximum rating given may result in
the damage of the IC and the product it is used in. If the
IC is damaged, the short mode and open modes cannot
be specified, so if the IC is to be used in applications
where parameters may exceed the absolute maximum
ratings, then be sure to incorporate fuses, or other physi-
cal safety measures.
(2)
GND potential
The potential for pin 1 must be kept lower than the poten-
tials of the other pins regardless of the circumstances.
(3)
Input pins
Voltage should never be applied to the input pins when
the VCC voltage is not applied to the IC. Similarly, when
VCC is applied, the voltage on each input pin should be
less than VCC and within the guaranteed range for the
electrical characteristics.
(4)
Back-rush voltage
Depending on the ambient conditions, environment, or
motor characteristics, the back-rush voltage may fluctu-
ate. Be sure to confirm that the back-rush voltage will not
adversely affect the operation of the IC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com