Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6289F Datasheet(PDF) 6 Page - Rohm

Part # BA6289F
Description  Reversible motor driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6289F Datasheet(HTML) 6 Page - Rohm

  BA6289F Datasheet HTML 1Page - Rohm BA6289F Datasheet HTML 2Page - Rohm BA6289F Datasheet HTML 3Page - Rohm BA6289F Datasheet HTML 4Page - Rohm BA6289F Datasheet HTML 5Page - Rohm BA6289F Datasheet HTML 6Page - Rohm BA6289F Datasheet HTML 7Page - Rohm BA6289F Datasheet HTML 8Page - Rohm BA6289F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
458
Motor driver ICs
BA6289F / BA6417F
(10) In-rush current
There are no circuits built into these ICs that prevent in-
rush currents. Therefore, it is recommended to place a
current limiting resistor or other physical countermea-
sure.
(11) Factors regarding the thermal, power supply, and
motor conditions
If the potential of the output pin sways greatly and goes
below the potential of ground, the operation of the IC may
malfunction or be adversely affected. In such a case,
place a diode between the output and ground, or other
measure, to prevent this.
(12) HIGH level output voltage setting pin
The output voltage can be varied by controlling the Vref
voltage :
VOH=Vref+VBE (PNP)–VBE (NPN)+(VOUT–Vref offset)
The voltage applied to the Vref pin should not exceed the
motor supply voltage (pin 2) or the VCC voltage. The Vref
input range over which the HIGH level output voltage can
be controlled according to the above equation is between
0V and (VCC–VSAT–VBE).
The output may oscillate if the Vref voltage is controlled by
a low-impedance circuit. Set the voltage by either provid-
ing an impedance of about 10k
Ω or connecting a capaci-
tor between the Vref and GND pins. Because the optimum
impedance and capacitance values depend on such fac-
tors as the type of motor, the PCB pattern, and the load
current, the values must be determined separately for
each application.
(13) Thermal shutdown circuit
When the thermal shutdown circuit is activated at the IC
junction temperature of about 175
_C (typical), all driver
outputs are turned OFF. There is a temperature differ-
ence of about 15
_C (typical) between the temperatures
at which the circuit is activated and deactivated.
(13) The input pins (pins 4 and 5 have temperature de-
pendent characteristics. Take the temperature effect into
consideration when using the IC.
(14) To eliminate motor noise, connect a capacitor be-
tween OUT1 (pin 1) and GND and between OUT2 (pin 7)
and GND. Alternatively, connect a capacitor between
OUT1 and OUT2, and also a diode between OUT1 and
GND and between OUT2 and GND.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com