Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6302AF Datasheet(PDF) 1 Page - Rohm

Part # BA6302AF
Description  FG system speed servo controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6302AF Datasheet(HTML) 1 Page - Rohm

  BA6302AF Datasheet HTML 1Page - Rohm BA6302AF Datasheet HTML 2Page - Rohm BA6302AF Datasheet HTML 3Page - Rohm BA6302AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
750
Motor driver ICs
FG system speed servo controller
BA6302A / BA6302AF / BA6303 / BA6303F
The BA6302A /A F and BA6303 / F are FG-system servo control ICs suitable for controlling the speed of VCR motors.
They contain a hysteresis FG amplifier section, an S / H system F / V conversion section, an error amplifier section, and
an inverter section.
Motor speed can be set with a high degree of freedom by an external CR. The start-up circuit allows quick and precise
motor starting.
Motor speed can be controlled precisely at different levels by installing an FG program counter between the FG amplifier
output and the F / V conversion input.
FApplications
Speed control of various motors including capstan motors, drum head motors, and reel motors
FFeatures
1) S / H system F / V converter allows speed setting
with a stable external CR.
2) High hysteresis FG amplifier with high noise resis-
tance.
3) Start-up circuit allows quick and precise motor start-
ing.
4) Motor speed can be controlled at different levels by
installing an FG program counter.
5) Low current dissipation. (VCC=9V, IQ=2.3mA Typ.)
6) Stable operation with either 5, 9, or 12V supply volt-
age.
7) Two versatile inverters are built in.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - BA6302AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6301 ROHM-BA6301 Datasheet
96Kb / 4P
FG system speed servo controller
BA6301F ROHM-BA6301F Datasheet
96Kb / 4P
FG system speed servo controller
logo
List of Unclassifed Man...
BA6304 ETC2-BA6304 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA6305 ROHM-BA6305 Datasheet
69Kb / 2P
FG/CTL amplifier
logo
List of Unclassifed Man...
BA6305 ETC1-BA6305 Datasheet
375Kb / 3P
Motor speed and phase control
More results

Similar Description - BA6302AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2611 NJRC-NJM2611 Datasheet
270Kb / 10P
SERVO MOTOR CONTROLLER
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
System control servo
BA6301 ROHM-BA6301 Datasheet
96Kb / 4P
FG system speed servo controller
logo
List of Unclassifed Man...
AA51880 ETC-AA51880 Datasheet
282Kb / 5P
SERVO MOTOR CONTROLLER
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
Radio Servo controller
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
SERVO MOTOR CONTROLLER
AA51883 AGAMEM-AA51883 Datasheet
110Kb / 7P
SERVO MOTOR CONTROLLER
AA51890 AGAMEM-AA51890 Datasheet
233Kb / 7P
SERVO MOTOR CONTROLLER
logo
Exar Corporation
XR-2266 EXAR-XR-2266 Datasheet
835Kb / 11P
Monolithic servo controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com