Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6392FP Datasheet(PDF) 5 Page - Rohm

Part # BA6392FP
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6392FP Datasheet(HTML) 5 Page - Rohm

  BA6392FP Datasheet HTML 1Page - Rohm BA6392FP Datasheet HTML 2Page - Rohm BA6392FP Datasheet HTML 3Page - Rohm BA6392FP Datasheet HTML 4Page - Rohm BA6392FP Datasheet HTML 5Page - Rohm BA6392FP Datasheet HTML 6Page - Rohm BA6392FP Datasheet HTML 7Page - Rohm BA6392FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
328
Optical disc ICs
BA6392FP
FInput / output circuits
FCircuit operation
(1)
Fig. 3 shows the inputs from the digital servo IC for
CH1-CH3 drivers (all drivers except the spindle).
SW1 is on when the forward input signal (HIGH level,
over 2.4V) is present. SW2 is on when the reverse input
signal is present (Fig. 2)
The constant current (I1) at this time enters the RC and
generates an integral waveform based on the duty of the
input waveform. The BTL is output from BUF1 and BUF2
(Fig. 4).
To maintain the HIGH level with forward (or reverse) in-
put, the DC voltage generated at point A is :
I1
R
2.5V (reverse :
*2.5V)
This is the voltage generated relative VREF. The setting is
such that a voltage differential of 5V is generated be-
tween output pins. The time constant is :
R
C = 2.4
µsec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com