Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6397FP Datasheet(PDF) 5 Page - Rohm

Part # BA6397FP
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6397FP Datasheet(HTML) 5 Page - Rohm

  BA6397FP Datasheet HTML 1Page - Rohm BA6397FP Datasheet HTML 2Page - Rohm BA6397FP Datasheet HTML 3Page - Rohm BA6397FP Datasheet HTML 4Page - Rohm BA6397FP Datasheet HTML 5Page - Rohm BA6397FP Datasheet HTML 6Page - Rohm BA6397FP Datasheet HTML 7Page - Rohm BA6397FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
336
Optical disc ICs
BA6397FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8Ω)
FCircuit operation
(1)
Driver
Inputs to the IC are the focus tracking error signal from
the servo preamplifier and the control signal from the mo-
tor. The input signals, which normally center on 2.5V, are
V / I converted by the preamplifier, generating a current
corresponding to the input voltage. This current is
passed through a resistor and into the internal reference
voltage component, the preamplifier output being a sig-
nal centering on the internal reference voltage. Two sys-
tems (positive phase and negative phase) are created
during V / I conversion, generating BTL output via the
driver buffer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com