Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6402 Datasheet(PDF) 2 Page - Rohm

Part # BA6402
Description  2-phase half-wave motor predriver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6402 Datasheet(HTML) 2 Page - Rohm

  BA6402 Datasheet HTML 1Page - Rohm BA6402 Datasheet HTML 2Page - Rohm BA6402 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
690
Motor driver ICs
BA6402F
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 12V)
FRotational speed sensing and lock detection (6 pin)
The circuit around pin 6 is described in Fig. 1. Normally,
the C6 external capacitor is charging or discharging
around the Hall signal when the motor is running. When
the motor is locked, discharging does not occur at C6 be-
cause the Hall signal stops switching. Charging contin-
ues at C6 until the voltage increases to the pin-6 clamp
voltage, and then Q1 turns ON to turn OFF the output.
With the pin-6 current being constant (I6=6.8
µA, typical),
the time required after the motor is locked until the output
current is turned OFF (duration between B and C in Fig.
2) is determined by the C6 capacitance.
where V6CL is pin-6 clamp voltage (nearly equal to 5VBE)
For C6=2.2
µF, for example, Toff is about 0.91s (typical).
FOperation notes
(1)
Hall constant current source (3 pin, 6.8mA typical-
ly), which is directly connected with the IC bias circuit, is
not available when pin 3 is OPEN (saturated).
(2)
Power dissipation
The allowable power dissipation is plotted against ambi-
ent temperature in Fig. 3.
FThermal derating curve
I6
Toff=TBXC=
(V6CL
*VBEQ3) C6
4.12
105
C6 (sec) (Typ.)
6.8
µA (Typ.)
4VBE
S C6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com